| Moteur de recherche de fiches techniques de composants électroniques |
|
SS6431GSTR Fiches technique(PDF) 7 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS6431GSTR Fiches technique(HTML) 7 Page - Silicon Standard Corp. |
|
7 / 11 page ![]() www.SiliconStandard.com 7 of 11 SS6431G TYPICAL PERFORMANCE CHARACTERISTICS (Continued) 1K 10K 100K 1M 0.1 1 10 Iz=10mA TA=25°C Fig. 16 Dynamic impedance vs. Frequency Frequency (Hz) R1 50 + AC 3V R2 50 SS6431G GND Output + Fig. 17 Test Circuit for Dynamic Impedance - SYMBOL BLOCK DIAGRAM ANODE (A) REF (R) CATHODE (C) SS6431G ANODE (A) REF (R) + - 2.495V PIN DESCRIPTIONS CATHODE Pin - Sinks current with a range from 250 µA to 200mA for normal applications. VREF Pin - Providing VREF=2.495V (typ.) for adjustable output voltage. ANODE Pin - Anode pin sources current for normal application. The current value is the same as Cath- ode pin. 2/10/2005 Rev.2.10 |