Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6431GSTR Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SS6431GSTR
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTR Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SS6431GSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.SiliconStandard.com
3 of 11
SS6431G
TEST CIRCUITS
VREF
IREF
IZ
VZ
IIN
IN
SS6431G
R2
R1
VREF
IREF
IZ
VZ
IN
IIN
SS6431G
Z=VREF(1+R1/R2)+IREFxR1
Fig. 1 Test Circuit for VZ=VREF
Fig. 2 Test Circuit for VZ>VREF
IN
VZ
IZ(OFF)
SS6431G
Fig. 3 Test Circuit for off-state Current
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VZ=VREF,
Reference Voltage
IIN =10mA (Fig.1)
V REF
2.482
2.495
2.508
V
VZ = VREF , IIN =10mA,
TA = 0
°C~ +70°C (Fig. 1)
9.0
20
Deviation of Reference
Input Voltage Over
Temperature (Note 3)
TA = -40
°C~ +85°C (Fig. 1)
VDEV
9.0
50
mV
∆VZ=10V-VREF
-0.5
-2.0
mV/V
Ratio of the Change in Ref-
erence Voltage to the
Change in Cathode voltage
IZ=10mA
(Fig. 2)
∆VZ=30V-10V
∆V
REF
∆V
Z
-0.35
-1.5
mV/V
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11