Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT1A040ZP Fiches technique(PDF) 1 Page - Rohm

No de pièce RT1A040ZP
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RT1A040ZP Fiches technique(HTML) 1 Page - Rohm

  RT1A040ZP Datasheet HTML 1Page - Rohm RT1A040ZP Datasheet HTML 2Page - Rohm RT1A040ZP Datasheet HTML 3Page - Rohm RT1A040ZP Datasheet HTML 4Page - Rohm RT1A040ZP Datasheet HTML 5Page - Rohm RT1A040ZP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
1.5V Drive Pch MOSFET
RT1A040ZP
Structure
Dimensions
(Unit : mm)
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) High power package.
3) Low voltage drive. (1.5V)
Applications
Switching
Packaging specifications
Equivalent circuit
Package
Code
Taping
Basic ordering unit(piecies)
RT1A040ZP
TR
3000
Type
Absolute maximum ratings
(Ta=25
°C)
∗1
∗1
Parameter
V
VDSS
Symbol
−12
V
VGSS
±10
A
ID
±4
A
IDP
±16
A
IS
−1
A
ISP
−16
W
PD
1.25
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Source current
(Body diode)
Total power dissipation
Channel temperature
Range of Storage temerature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw 10µs, Duty cycle 1%
∗2 When mounted on a ceramic board
∗2
Thermal resistance
Parameter
°C / W
Rth(ch-a)
Symbol
100
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board
∗
Each lead has same dimensions
(8)
(7)
(5)
(6)
(1)
(2)
(4)
(3)
Abbreviated symbol : YE
TSST8
(1) Drain
(2) Drain
(3) Drain
(4) Gate
(5) Source
(6) Drain
(7) Drain
(8) Drain
*1 ESD PROTECTION DIODE
*2 BODY DIODE
(8)
(7)
(1)
(2)
∗2
∗1
(6)
(5)
(3)
(4)


Numéro de pièce similaire - RT1A040ZP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RT1A045AP ROHM-RT1A045AP Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
More results

Description similaire - RT1A040ZP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com