Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT1A040ZP Fiches technique(PDF) 3 Page - Rohm

No de pièce RT1A040ZP
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RT1A040ZP Fiches technique(HTML) 3 Page - Rohm

  RT1A040ZP Datasheet HTML 1Page - Rohm RT1A040ZP Datasheet HTML 2Page - Rohm RT1A040ZP Datasheet HTML 3Page - Rohm RT1A040ZP Datasheet HTML 4Page - Rohm RT1A040ZP Datasheet HTML 5Page - Rohm RT1A040ZP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RT1A040ZP
Data Sheet
3/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Electrical characteristic curves
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
Ta=25℃
Pulsed
VGS=-1.2V
-10V
-4.5V
-2.5V
-1.3V
-1.5V
-1.8V
0.001
0.01
0.1
1
10
0.00.5
1.01.5
VDS=-6.0V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
1
10
100
1000
0.1
1
10
Ta=25℃
Pulsed
VGS= -1.5V
VGS= -1.8V
VGS= -2.5V
VGS= -4.5V
0
2
4
6
8
10
02
46
8
10
VGS=-1.1V
-1.2V
-4.5V
-2.2V
-1.7V
-1.3V
Ta=25℃
Pulsed
1
10
100
1000
0.1
1
10
VGS= -2.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
1
10
100
1000
0.1
1
10
VGS= -4.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
0
1
10
100
0.1
1.0
10.0
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
VDS= -6V
Pulsed
1
10
100
1000
0.1
1
10
V
GS= -1.8V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.1 Typical Output Characteristics(Ⅰ)
Fig.2 Typical Output Characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain
Fig.9 Forward Transfer Admittance
vs. Drain Current
1
10
100
1000
0.1
1
10
V
GS= -1.5V
Pulsed
Ta=125°C
Ta=75°C
Ta=25°C
Ta= -25°C
Fig.8 Static Drain-Source On-State
Resistance vs. Drain
DRAIN-SOURCE VOLTAGE : -VDS[V]
DRAIN-SOURCE VOLTAGE : -VDS[V]
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN CURRENT : -ID[A]
DRAIN CURRENT : -ID[A]
DRAIN CURRENT : -ID[A]
DRAIN CURRENT : -ID[A]
DRAIN CURRENT : -ID[A]
DRAIN CURRENT : -ID[A]



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com