| Moteur de recherche de fiches techniques de composants électroniques |
|
WS62256LLP Fiches technique(PDF) 1 Page - Wing Shing Computer Components |
|
|
|||||||||||||||||||||||||||||
WS62256LLP Fiches technique(HTML) 1 Page - Wing Shing Computer Components |
|
1 / 9 page ![]() ! #"$%$! ,(-%'(+ ! #"$%$! ,(-%'(+ ! #"$%$! ,(-%'(+ ! #"$%$! ,(-%'(+ ,, ,, ,, ,,./ ./ ./ ./0& 0& 0& 0&1$ '!, !( 1$ '!, !( 1$ '!, !( 1$ '!, !( / / / /0& 0& 0& 0&1 !&2, !( 1 !&2, !( 1 !&2, !( 1 !&2, !( / / / /#% #% #% #%10-&(23#, !( 10-&(23#, !( 10-&(23#, !( 10-&(23#, !( 4'*5-%!!2&,,!--'!+ 4'*5-%!!2&,,!--'!+ 4'*5-%!!2&,,!--'!+ 4'*5-%!!2&,,!--'!+ 0& 0& 0&1 1 1 1 (%"!)!"-& !0,%&'3"! (%"!)!"-& !0,%&'3"! (%"!)!"-& !0,%&'3"! (%"!)!"-& !0,%&'3"! &',%$! 2$($5!(,5'%'-2!-!"!,!2 &',%$! 2$($5!(,5'%'-2!-!"!,!2 &',%$! 2$($5!(,5'%'-2!-!"!,!2 &',%$! 2$($5!(,5'%'-2!-!"!,!2 5 !!-&!%- 5 !!-&!%- 5 !!-&!%- 5 !!-&!%- 6""#-&',%! &'( 6""#-&',%! &'( 6""#-&',%! &'( 6""#-&',%! &'( 7&& !!('(-%%"#)"&*!&-"$&- 7&& !!('(-%%"#)"&*!&-"$&- 7&& !!('(-%%"#)"&*!&-"$&- 7&& !!('(-%%"#)"&*!&-"$&- &-#!%&(-'($'5&(2%'(- &-#!%&(-'($'5&(2%'(- &-#!%&(-'($'5&(2%'(- &-#!%&(-'($'5&(2%'(- ""8%'(-& !"! &( ""8%'(-& !"! &( ""8%'(-& !"! &( ""8%'(-& !"! &( &',;&(2,,!--0! # *&('<!2&-: &',;&(2,,!--0! # *&('<!2&-: &',;&(2,,!--0! # *&('<!2&-: &',;&(2,,!--0! # *&('<!2&-:$ 2- $ 2- $ 2- $ 2-3#3'- 3#3'- 3#3'- 3#3'- &(2%! &!-9 &()! #"$ &(2%! &!-9 &()! #"$ &(2%! &!-9 &()! #"$ &(2%! &!-9 &()! #"$ )"&*! )"&*! )"&*! )"&*! 2)&(,!20!,5("*#&(2,' ,'!,5('=!-% )'2!355'*5 2)&(,!20!,5("*#&(2,' ,'!,5('=!-% )'2!355'*5 2)&(,!20!,5("*#&(2,' ,'!,5('=!-% )'2!355'*5 2)&(,!20!,5("*#&(2,' ,'!,5('=!-% )'2!355'*5 -%!!2&(2"$%$! 9!& !-$'5&#%',&"0-&(23#, !(9 -%!!2&(2"$%$! 9!& !-$'5&#%',&"0-&(23#, !(9 -%!!2&(2"$%$! 9!& !-$'5&#%',&"0-&(23#, !(9 -%!!2&(2"$%$! 9!& !-$'5&#%',&"0-&(23#, !(9 &-# &-# &-# &-#! # ! # ! # ! #!%&(-'('-% )'2!23# !%&(-'('-% )'2!23# !%&(-'('-% )'2!23# !%&(-'('-% )'2!23#&( &( &( &(&,')!>? &,')!>? &,')!>? &,')!>?,5'% ,5'% ,5'% ,5'% !(&3"!/1:&(2 !(&3"!/1:&(2 !(&3"!/1:&(2 !(&3"!/1:&(2&,')!>?% &,')!>?% &,')!>?% &,')!>?%!(&3"!/1&(25 !!-&! !(&3"!/1&(25 !!-&! !(&3"!/1&(25 !!-&! !(&3"!/1&(25 !!-&! %2 ')! - %2 ')! - %2 ')! - %2 ')! - %$! ,(-%'(-'*('9',&("#$5!(,5'%'-2!-!"!,!2 %$! ,(-%'(-'*('9',&("#$5!(,5'%'-2!-!"!,!2 %$! ,(-%'(-'*('9',&("#$5!(,5'%'-2!-!"!,!2 %$! ,(-%'(-'*('9',&("#$5!(,5'%'-2!-!"!,!2 5! 5! 5! &)&'"&3"! &)&'"&3"! &)&'"&3"!'( '( '( '(5!@7-&(2& 2%'( 5!@7-&(2& 2%'( 5!@7-&(2& 2%'( 5!@7-&(2& 2%'( " "&-',:&(2 "&-',:&(2 "&-',:&(2 ! ! ! !!" !!" !!" !!" # # # # $ $ $ $ % % % % % % % % & & & & ' ' ' ' ( ( ( ( ( (( ( ( ( ( ( )* )* )* )* ) ) ) ) ) ) ) ) )+ )+ )+ )+ )$ )$ )$ )$ ) ) ) ) ) ) ) ) )% )% )% )% , , , , - - - - * * * * ---- ---- ---- ---- + + + + - - - - + + + + $ $ $ $ + + + + PRODUCT FAMILY PRODUCT OPERATING Vcc SPEED POWER DISSIPATION FAMILY TEMPERATURE (V) (ns) STANDBY(Iccs 1,Max) Operating (Icc,Max) PKG TYPE Vcc=5.0V Vcc=5.0V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 V CC WE A13 A8 A9 A11 OE A10 Wing Shing Computer Components Co., (H.K.)Ltd. Tel:(852)2341 9276 Fax:(852)2797 8153 Homepage: http://www.wingshing.com E-mail: wsccltd@hkstar.com WS WS62256 Operation voltage Vcc: The WS62256 range of 4.5V is a high performance , very low power CMOS to 5.5V supply 0.4uA and maxinum access time of 70ns in5V operation 330mil 600mil plastic DIP 4.5V~5.5V 4.5V~5.5V WS62256LLP WS62256LLFP DQ0 DQ1 DQ2 CE __ DQ7 DQ6 DQ5 DQ4 DQ3 0 C~+70 C o o 70ns 1uA 45mA DIP-28 SOP-28 DIP-28 SOP-28 9-1 GND PIN CONFIGURATION WS62256 is The WS62256 has an automatic power down feature, reducing the WINGSHING Co. reserves the right to modify document contents without notice. 70ns ( -70 B |
Numéro de pièce similaire - WS62256LLP |
|
Description similaire - WS62256LLP |