| Moteur de recherche de fiches techniques de composants électroniques |
|
XR2 Fiches technique(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XR2 Fiches technique(HTML) 5 Page - Omron Electronics LLC |
|
5 / 14 page ![]() IC Sockets XR2 115 XR2T Open-frame Sockets with Seal Tape • Equipped with seal tape to prevent flux cleaning liquids from entering the Socket. • The same round-pin, 4-point contact structure as the RX2A is used for the contacts. • The seal tape is made of transparent polyethyle (adhesive portion) and yellow polypropolyene (non-adhesive portion). ■ Dimensions ■ Ordering Information Appearance Sockets with DIP terminals No. of contacts Row pitch (A) (mm) With 0.25- μm gold plating With 0.75- μm gold plating With gold flash plating 8 7.62 XR2T-0811-N XR2T-0801-N XR2T-0821-N 14 7.62 XR2T-1411-N XR2T-1401-N XR2T-1421-N 16 7.62 XR2T-1611-N XR2T-1601-N XR2T-1621-N 18 7.62 XR2T-1811-N XR2T-1801-N XR2T-1821-N 20 7.62 XR2T-2011-N XR2T-2001-N XR2T-2021-N 22 10.16 XR2T-2211-N XR2T-2201-N XR2T-2221-N 24 15.24 XR2T-2411-N XR2T-2401-N XR2T-2421-N 24 10.16 XR2T-2463-N XR2T-2461-N XR2T-2467-N 24 7.62 XR2T-2473-N XR2T-2471-N XR2T-2477-N 28 15.24 XR2T-2811-N XR2T-2801-N XR2T-2821-N 32 15.24 XR2T-3211-N XR2T-3201-N XR2T-3221-N 40 15.24 XR2T-4011-N XR2T-4001-N XR2T-4021-N 48 15.24 XR2T-4811-N XR2T-4801-N --- Adhesive side Non-adhesive side Seal tape 0.51 dia. 1.33 dia. Mounting holes (bottom view) 0.8 ±0.05 dia. (DIP terminals) XR2T- @@11-N XR2T-2463-N XR2T-2473-N XR2T- @@01-N XR2T-2461-N XR2T-2471-N XR2T- @@21-N XR2T-2467-N XR2T-2477-N Dimensions Note: 1. XR2T-2411-N/XR2T-2401-N/ XR2A-2421-N 2. XR2T-2463-N/XR2T-2461-N/ XR2T-2467-N 3. XR2T-2473-N/XR2T-2471-N/ XR2T-2477-N No. of contacts Dimensions (mm) AB 8 7.62 7.62 14 7.62 15.24 16 7.62 17.78 18 7.62 20.32 20 7.62 22.86 22 10.16 25.40 24 (See note 1.) 15.24 27.94 24 (See note 2.) 10.16 27.94 24 (See note 3.) 7.62 27.94 28 15.24 33.02 32 15.24 38.10 40 15.24 48.26 48 15.24 58.42 |