Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XR2 Fiches technique(PDF) 2 Page - Omron Electronics LLC

No de pièce XR2
Description  IC Sockets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2 Fiches technique(HTML) 2 Page - Omron Electronics LLC

  XR2 Datasheet HTML 1Page - Omron Electronics LLC XR2 Datasheet HTML 2Page - Omron Electronics LLC XR2 Datasheet HTML 3Page - Omron Electronics LLC XR2 Datasheet HTML 4Page - Omron Electronics LLC XR2 Datasheet HTML 5Page - Omron Electronics LLC XR2 Datasheet HTML 6Page - Omron Electronics LLC XR2 Datasheet HTML 7Page - Omron Electronics LLC XR2 Datasheet HTML 8Page - Omron Electronics LLC XR2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
112
IC Sockets
XR2
XR2A Open-frame Sockets
■ Dimensions
■ Ordering Information
0.51 dia.
1.33 dia.
0.635
× 0.635
Wrap terminals
DIP terminals
Mounting holes (bottom view)
0.8
±0.05 dia. (DIP terminals)
1.0
±0.05 dia. (Wrap terminals)
XR2A-
@@11-N
XR2A-2463-N
XR2A-2473-N
XR2A-
@@01-N
XR2A-2461-N
XR2A-2471-N
XR2A-
@@21-N
XR2A-2467-N
XR2A-2477-N
(With DIP terminals)
Dimensions
Note: 1. XR2A-2401-N/XR2A-2402/
XR2A-2411N/XR2A-2421-N
2. XR2A-2461-N/XR2A-2463-N/
XR2A-2467-N
3. XR2A-2471-N/XR2A-2473-N/
XR2A-2477-N
No. of contacts Dimensions (mm)
AB
8
7.62
7.62
14
7.62
15.24
16
7.62
17.78
18
7.62
20.32
20
7.62
22.86
22
10.16
25.40
24
(See note 1.)
15.24
27.94
24
(See note 2.)
10.16
27.94
24
(See note 3.)
7.62
27.94
28
15.24
33.02
32
15.24
38.10
40
15.24
48.26
42
15.24
50.80
48
15.24
58.42
50
22.86
60.96
64
22.86
78.74
XR2A-
@@02
(With wrap
terminals)
Appearance
Sockets with DIP terminals
Sockets with wrap
terminals
No of
contacts
Row pitch (A)
(mm)
With 0.25-
μm gold
plating
With 0.75-
μm gold
plating
With gold flash plating
With 0.75-
μm gold
plating
8
7.62
XR2A-0811-N
XR2A-0801-N
XR2A-0821-N
XR2A-0802
14
7.62
XR2A-1411-N
XR2A-1401-N
XR2A-1421-N
XR2A-1402
16
7.62
XR2A-1611-N
XR2A-1601-N
XR2A-1621-N
XR2A-1602
18
7.62
XR2A-1811-N
XR2A-1801-N
XR2A-1821-N
XR2A-1802
20
7.62
XR2A-2011-N
XR2A-2001-N
XR2A-2021-N
XR2A-2002
22
10.16
XR2A-2211-N
XR2A-2201-N
XR2A-2221-N
XR2A-2202
24
15.24
XR2A-2411-N
XR2A-2401-N
XR2A-2421-N
XR2A-2402
24
10.16
XR2A-2463-N
XR2A-2461-N
XR2A-2467-N
—
24
7.62
XR2A-2473-N
XR2A-2471-N
XR2A-2477-N
XR2A-2472
28
15.24
XR2A-2811-N
XR2A-2801-N
XR2A-2821-N
XR2A-2802
32
15.24
XR2A-3211-N
XR2A-3201-N
XR2A-3221-N
XR2A-3202
40
15.24
XR2A-4011-N
XR2A-4001-N
XR2A-4021-N
XR2A-4002
42
15.24
XR2A-4211-N
XR2A-4201-N
XR2A-4221-N
XR2A-4202
48
15.24
XR2A-4811-N
XR2A-4801-N
—
XR2A-4802
50
22.86
XR2A-5011-N
XR2A-5001-N
—
—
64
22.86
XR2A-6411-N
XR2A-6401-N
—
XR2A-6402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14