Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-5-FD2 Fiches technique(PDF) 4 Page - Omron Electronics LLC

No de pièce SS-5-FD2
Description  Snap Action Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5-FD2 Fiches technique(HTML) 4 Page - Omron Electronics LLC

  SS-5-FD2 Datasheet HTML 1Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 2Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 3Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 4Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 5Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 6Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 7Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 8Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
98
Snap Action Switch
SS
Engineering Data
■ Mechanical Service Life
■ Electrical Service Life
■ Mounting
Panel Mounting
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m.
PCB Layout
■ Contact Form
* Consult Omron for SPST-NC and SPST-NO contact form types
ordering information.
(Pin Plunger Models)
SS-01, SS-5 Models
Overtravel (mm)
40,000
30,000
20,000
10,000
5,000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Without load
Operating frequency: 60 operations/min
(Pin Plunger Models)
SS-5 Models
Switching current (A)
5,000
3,000
1,000
500
300
100
50
30
10
0
12
3
4
56
7
125 VAC
250 VAC
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min
cos
φ = 1
Two, 2.4-dia. mounting holes or
M2.3 screw holes
9.5
± 0.1
Three, 1.35 to 1.5 dia.
8.8
+0.15
–0.05
(1.6)
16.1
±0.1
SPDT
SPST-NC
SPST-NO
COM
NC
COM
NO NC
COM
NO



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com