Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-5-FD2 Fiches technique(PDF) 1 Page - Omron Electronics LLC

No de pièce SS-5-FD2
Description  Snap Action Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5-FD2 Fiches technique(HTML) 1 Page - Omron Electronics LLC

  SS-5-FD2 Datasheet HTML 1Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 2Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 3Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 4Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 5Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 6Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 7Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 8Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Snap Action Switch
SS
95
Snap Action Switch
SS
Subminiature Snap Action Switch
• Economical, subminiature snap action switch offers long
service life (30 million operations minimum)
• All models are free from overtravel restrictions, permit easy
setting
• Wide switching capacity range from microvoltage/current
loads (1 mA at 5 VDC to high-capacity loads 10.1 A at 250
VAC)
• Standard operating force, low force or super-low force
models available
• RoHS Compliant
Ordering Information
Rating
Actuator
Contact
OF
PCB terminal
Soldered
terminal
Tab (#110)
terminal
Straight
Left-angled
Right-angled
0.1 A
Pin plunger
25 g
SS-01-ED
—
—
SS-01-E
SS-01-ET
50 g
SS-01-FD
—
—
SS-01-F
SS-01-FT
150 g
SS-01D
SS-01D1
SS-01D2
SS-01
SS-01T
Hinge lever
8 g
SS-01GL-ED
—
—
SS-01GL-E
SS-01GL-ET
16 g
SS-01GL-FD
—
—
SS-01GL-F
SS-01GL-FT
50 g
SS-01GLD
SS-01GLD1
SS-01GLD2
SS-01GL
SS-01GLT
Simulated roller
lever
8 g
SS-01GL13-ED
—
—
SS-01GL13-E
SS-01GL13-ET
16 g
SS-01GL13-FD
—
—
SS-01GL13-F
SS-01GL13-FT
50 g
SS-01GL13D
—
—
SS-01GL13
SS-01GL13T
Hinged roller
lever
8 g
SS-01GL2-ED
—
—
SS-01GL2-E
SS-01GL2-ET
16 g
SS-01GL2-FD
—
—
SS-01GL2-F
SS-01GL2-FT
50 g
SS-01GL2D
—
—
SS-01GL2
SS-01GL2T
5 A
Pin plunger
50 g
SS-5-FD
SS-5-FD1
SS-5-FD2
SS-5-F
SS-5-FT
150 g
SS-5D
SS-5D1
SS-5D2
SS-5
SS-5T
Hinge lever
16 g
SS-5GL-FD
SS-5GL-FD1
SS-5GL-FD2
SS-5GL-F
SS-5GL-FT
50 g
SS-5GLD
SS-5GLD1
SS-5GLD2
SS-5GL
SS-5GLT
Simulated roller
lever
16 g
SS-5GL13-FD
—
SS-5GL13-FD2
SS-5GL13-F
SS-5GL13-FT
50 g
SS-5GL13D
SS-5GL13D1
SS-5GL13D2
SS-5GL13
SS-5GL13T
Hinge roller
lever
16 g
SS-5GL2-FD
SS-5GL2-FD1
SS-5GL2-FD2
SS-5GL2-F
SS-5GL2-FT
50 g
SS-5GL2D
SS-5GL2D1
SS-5GL2D2
SS-5GL2
SS-5GL2T
10 A
Pin plunger
150 g
SS-10D
—
—
SS-10
SS-10T
Hinge lever
50 g
SS-10GLD
—
—
SS-10GL
SS-10GLT
Simulated roller
lever
50 g
SS-10GL13D
—
—
SS-10GL13
SS-10GL13T
Hinge roller
lever
50 g
SS-10GL2D
—
—
SS-10GL2
SS-10GL2T


Numéro de pièce similaire - SS-5-FD2

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
SS-5-FD OMRON-SS-5-FD Datasheet
1Mb / 8P
Subminiature Basic Switch
More results

Description similaire - SS-5-FD2

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com