Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D2HW Fiches technique(PDF) 4 Page - Omron Electronics LLC

No de pièce D2HW
Description  Sealed Subminiature Snap Action Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW Fiches technique(HTML) 4 Page - Omron Electronics LLC

  D2HW Datasheet HTML 1Page - Omron Electronics LLC D2HW Datasheet HTML 2Page - Omron Electronics LLC D2HW Datasheet HTML 3Page - Omron Electronics LLC D2HW Datasheet HTML 4Page - Omron Electronics LLC D2HW Datasheet HTML 5Page - Omron Electronics LLC D2HW Datasheet HTML 6Page - Omron Electronics LLC D2HW Datasheet HTML 7Page - Omron Electronics LLC D2HW Datasheet HTML 8Page - Omron Electronics LLC D2HW Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
184
Sealed Subminiature Snap Action Switch
D2HW
■ Contact Form
Note: Lead wire colors are indicated in parentheses.
■ Approved Standards
Consult your OMRON sales representative for specific models with
standard approvals.
UL1054 (File No. E41515)/CSA C22.2 No. 55 (UL approval)
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard
reference values. This value represents the failure rate at a
60% (
λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6/operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%.
SPDT
SPST-NC
(Lead Wire Models Only)
SPST-NO
(Lead Wire Models Only)
COM
(Black)
NO
(Blue)
NC
(Red)
COM
(Black)
NO
(Blue)
COM
(Black)
NC
(Red)
Rated voltage
D2HW
125 VAC
0.1 A
12 VDC
2 A
Item
Specification
Specification
Crossbar
Material
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable load
(see note)
1 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com