Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D2HW Fiches technique(PDF) 7 Page - Omron Electronics LLC

No de pièce D2HW
Description  Sealed Subminiature Snap Action Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW Fiches technique(HTML) 7 Page - Omron Electronics LLC

Back Button D2HW Datasheet HTML 2Page - Omron Electronics LLC D2HW Datasheet HTML 3Page - Omron Electronics LLC D2HW Datasheet HTML 4Page - Omron Electronics LLC D2HW Datasheet HTML 5Page - Omron Electronics LLC D2HW Datasheet HTML 6Page - Omron Electronics LLC D2HW Datasheet HTML 7Page - Omron Electronics LLC D2HW Datasheet HTML 8Page - Omron Electronics LLC D2HW Datasheet HTML 9Page - Omron Electronics LLC D2HW Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Sealed Subminiature Snap Action Switch
D2HW
187
Note: 1. All units are in millimeters unless otherwise indicated.
2. Dimensions not indicated in the diagrams below have a tolerance of ±0.2 mm.
3. The operating characteristics are for operation in the A direction (
).
Hinge Roller Lever Models
D2HW-
@24@@
Characteristic
Models with posts and
M3-mounting models
OF max.
RF min.
0.65 N
{66 gf}
0.03 N
{3 gf}
OT ref.
MD max.
1.9 mm (reference value)
0.6 mm
FP max.
OP
TTP max.
15.3 mm
14
±0.6 mm
12.3 mm
Leaf Lever Models
D2HW-
@26@@
Characteristic
Models with posts and
M3-mounting models
OF max.
RF min.
1.8 N
{183 gf}
0.20 N
{20 gf}
OT ref.
MD max.
1.8 mm (reference value)
0.5 mm
FP max.
OP
TTP max.
9.3 mm
7.4
±0.5 mm
5.8 mm
Simulated Roller Leaf Lever Models
D2HW-
@27@@
Characteristic
Models with posts and
M3-mounting models
OF max.
RF min.
1.8 N
{183 gf}
0.20 N
{20 gf}
OT ref.
MD max.
2.0 mm (reference value)
0.5 mm
FP max.
OP
TTP max.
12.5 mm
10.8
±0.5 mm
8.9 mm
Long Leaf Lever Models
D2HW-
@28@@
Characteristic
Models with posts and
M3-mounting models
OF max.
RF min.
0.9 N
{92 gf}
0.05 N
{5 gf}
OT ref.
MD max.
2.8 mm (reference value)
0.7 mm
FP max.
OP
TTP max.
19 mm
15.4
±1.5 mm
12.8 mm
Note: UL1007 AWG24 wires are used for UL/CSA
approved models.
8
±0.1
TTP
FP OP
4.8 dia.
×2.8
resin roller
(4.6)
A
(0.4)
(1.15)
3
6.5
15
t=0.3 stainless
steel lever
t = 0.3 stainless
steel lever
A
t = 0.3 stainless
steel lever
A
t = 0.2 stainless
steel lever
3.3
±0.15 dia.
3
dia.
0
-0.1
COM AVSS 0.5
(Black)
NO AVSS 0.5 (Blue)
NC AVSS 0.5 (Red)
(13.3)
(12)
A
20.85
±1



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com