Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-564B Fiches technique(PDF) 2 Page - Unity Opto Technology

No de pièce MVL-564B
Description  T-1 3/4 PACKAGE SOLID STATE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-564B Fiches technique(HTML) 2 Page - Unity Opto Technology

  MVL-564B Datasheet HTML 1Page - Unity Opto Technology MVL-564B Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-564B
Optical-Electrical Characteristics
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
300
600
-
mcd
Forward Voltage
IF=20mA
VF
-
3.5
4.0
V
Reverse Current
IR
-
-
10
µA
Peak Emission Wavelength
IF=20mA
λ
p
-
470
-
nm
Viewing Angle
IF=20mA
1/2
-
30
-
deg.
Typical Optical-Electrical Characteristic Curves
VR=5V
08/25/2000
Unity Opto Technology Co., Ltd.
0
0.5
1
380
450
520
590
660
Wavelength (nm)
FIG.1 RELATIVE INTENSITY LUMINOUS
VS. WAVELENGTH
0
5
10
15
20
25
30
0
1
2
3
4
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
0
10
20
30
40
0
25
50
75
100
0
25
50
75
100
125
150
0
5
10
15
20
25
30
Forward Current IF (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
0.5 0.3 0.1
0.2 0.4 0.6
FIG.6 RADIATION DIAGRAM
1.0
0.9
0.8
30
o
40
o
50
o
60
o
70
o
80
o
90
o
0
o
10
o
20
o
@ T
A=25
Ambient Temperature (
)
FIG.3 FORWARD CURRENT VS.
AMBIENT TEMPERATURE
0.1
1
10
0
25
50
75
Ambient Temperature (
)
FIG.5 LUMINOUS INTENSITY VS.
AMBIENT TEMPERATURE



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com