Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-564B Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce MVL-564B
Description  T-1 3/4 PACKAGE SOLID STATE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-564B Fiches technique(HTML) 1 Page - Unity Opto Technology

  MVL-564B Datasheet HTML 1Page - Unity Opto Technology MVL-564B Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 PACKAGE
SOLID STATE LAMP
MVL-564B
Description
Package Dimensions
The MVL-564B, a blue source color device, is made with
InGaN ( on SiC substrate) LED die.
The package is T-1 3/4(
5mm) water clear plastic
lens package.
Applications
l
Full color displays & moving message signs
l
Solid state incandescent replacement bulbs
l
High ambient panel indicators
l
Color printers & scanners
l
Medical & Analytical instruments
Features
l
High performance - 2.5mW (470nm)
l
Superior SiC substrate technology
l
Excellent chip to chip consistency
l
High reliability
Absolute Maximum Ratings
Parameter
Symbol
Maximum Rating
Unit
Peak Forward Current(1/10 Duty Cycle@1KHz )
Ipf
100
mA
Continuous Forward Current
Iaf
30
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-20
to +80
Storage Temperature Range
Tstg
-30
to +100
Electrostatic Discharge Threshold(HBM)
Eot
1000
V
08/25/2000
Notes :
1. Tolerance is ±0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 0.8 mm (.031") max.
3. Lead spacing is measured where the leads emerge from the package.
Unity Opto Technology Co., Ltd.
@ T
A=25
SEE NOTE 2
7.62
(.300)
1.00
(.040)
5.90
(.230)
2.54TYP.
(.100)
0.50 TYP.
(.020)
25.40 MIN.
(1.000)
1.00MIN.
(.040)
5.47
(.215)
SEE NOTE 3
A
C
Unit: mm ( inches )
FLAT DENOTES CATHODE
5.05
(.200)


Numéro de pièce similaire - MVL-564B

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-564BG UOT-MVL-564BG Datasheet
32Kb / 2P
T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-564BS UOT-MVL-564BS Datasheet
32Kb / 2P
T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-564BV UOT-MVL-564BV Datasheet
32Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
More results

Description similaire - MVL-564B

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-524UW UOT-MVL-524UW Datasheet
36Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-534BG UOT-MVL-534BG Datasheet
33Kb / 2P
T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-534UG UOT-MVL-534UG Datasheet
32Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-564BV UOT-MVL-564BV Datasheet
32Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-5A4B UOT-MVL-5A4B Datasheet
31Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-5A4BS UOT-MVL-5A4BS Datasheet
31Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-5C4B UOT-MVL-5C4B Datasheet
35Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-504HB UOT-MVL-504HB Datasheet
38Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-504HSG UOT-MVL-504HSG Datasheet
38Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-504HTG UOT-MVL-504HTG Datasheet
38Kb / 2P
T-1 3/4 PACKAGE SOLID STATE LAMP
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com