| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F100C4H7B Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100C4H7B Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 84 page ![]() Pinouts and pin description STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB 28/84 Doc ID 16455 Rev 2 62 - - - PD15 I/O FT PD15 TIM4_CH4(10) 63 37 F6 - PC6 I/O FT PC6 TIM3_CH1 64 38 E7 PC7 I/O FT PC7 TIM3_CH2 65 39 E8 PC8 I/O FT PC8 TIM3_CH3 66 40 D8 - PC9 I/O FT PC9 TIM3_CH4 67 41 D7 29 PA8 I/O FT PA8 USART1_CK / MCO / TIM1_CH1 68 42 C7 30 PA9 I/O FT PA9 USART1_TX(12) / TIM1_CH2 TIM15_BKIN 69 43 C6 31 PA10 I/O FT PA10 USART1_RX(12) / TIM1_CH3 TIM17_BKIN 70 44 C8 32 PA11 I/O FT PA11 USART1_CTS / TIM1_CH4 71 45 B8 33 PA12 I/O FT PA12 USART1_RTS / TIM1_ETR 72 46 A8 34 PA13 I/O FT JTMS- SWDIO PA13 73 - - - Not connected 74 47 D5 35 VSS_2 SVSS_2 75 48 E5 36 VDD_2 SVDD_2 76 49 A7 37 PA14 I/O FT JTCK/SWCL K PA14 77 50 A6 38 PA15 I/O FT JTDI TIM2_CH1_ETR / PA15/ SPI1_NSS 78 51 B7 - PC10 I/O FT PC10 USART3_TX 79 52 B6 - PC11 I/O FT PC11 USART3_RX 80 53 C5 - PC12 I/O FT PC12 USART3_CK 81 5 C1 5 PD0 I/O FT OSC_IN(11) 82 6 D1 6 PD1 I/O FT OSC_OUT(11) 83 54 B5 PD2 I/O FT PD2 TIM3_ETR 84 - - - PD3 I/O FT PD3 USART2_CTS 85 - - - PD4 I/O FT PD4 USART2_RTS 86 - - - PD5 I/O FT PD5 USART2_TX 87 - - - PD6 I/O FT PD6 USART2_RX 88 - - - PD7 I/O FT PD7 USART2_CK 89 55 A5 39 PB3 I/O FT JTDO TIM2_CH2 / PB3 TRACESWO SPI1_SCK Table 4. STM32F100xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(3)(4) Default Remap |