Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100C4H7B Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STM32F100C4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C4H7B Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STM32F100C4H7B Datasheet HTML 23Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 24Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 25Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 26Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 27Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 28Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 29Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 30Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Pinouts and pin description
Doc ID 16455 Rev 2
27/84
34
25 H6
-
PC5
I/O
PC5
ADC1_IN15
35
26
F5
18
PB0
I/O
PB0
ADC1_IN8/TIM3_CH3(12)
TIM1_CH2N
36
27 G5 19
PB1
I/O
PB1
ADC1_IN9/TIM3_CH4(12)
TIM1_CH3N
37
28 G6 20
PB2
I/O FT
PB2/BOOT1
38
-
-
-
PE7
I/O FT
PE7
TIM1_ETR
39
-
-
-
PE8
I/O FT
PE8
TIM1_CH1N
40
-
-
-
PE9
I/O FT
PE9
TIM1_CH1
41
-
-
-
PE10
I/O FT
PE10
TIM1_CH2N
42
-
-
-
PE11
I/O FT
PE11
TIM1_CH2
43
-
-
-
PE12
I/O FT
PE12
TIM1_CH3N
44
-
-
-
PE13
I/O FT
PE13
TIM1_CH3
45
-
-
-
PE14
I/O FT
PE14
TIM1_CH4
46
-
-
-
PE15
I/O FT
PE15
TIM1_BKIN
47
29 G7 21
PB10
I/O FT
PB10
I2C2_SCL(8)/USART3_TX (12)
TIM2_CH3 /
CEC
48
30 H7
22
PB11
I/O FT
PB11
I2C2_SDA(8)/USART3_RX(12)
TIM2_CH4
49
31 D6
23
VSS_1
SVSS_1
50
32
E6
24
VDD_1
SVDD_1
51
33 H8
25
PB12
I/O FT
PB12
SPI2_NSS(9)/ I2C2_SMBA(8)/
TIM1_BKIN(12)/USART3_CK(12)
52
34 G8 26
PB13
I/O FT
PB13
SPI2_SCK(9) /TIM1_CH1N(12)
USART3_CTS(12)
53
35
F8
27
PB14
I/O FT
PB14
SPI2_MISO(9)/ TIM1_CH2N(12) /
USART3_RTS(12)
TIM15_CH1
54
36
F7
28
PB15
I/O FT
PB15
SPI2_MOSI(9) / TIM1_CH3N /
TIM15_CH1N(12)
TIM15_CH2
55
-
-
-
PD8
I/O FT
PD8
USART3_TX
56
-
-
-
PD9
I/O FT
PD9
USART3_RX
57
-
-
-
PD10
I/O FT
PD10
USART3_CK
58
-
-
-
PD11
I/O FT
PD11
USART3_CTS
59
---
PD12
I/O FT
PD12
TIM4_CH1(10) /
USART3_RTS
60
-
-
-
PD13
I/O FT
PD13
TIM4_CH2(10)
61
-
-
-
PD14
I/O FT
PD14
TIM4_CH3(10)
Table 4.
STM32F100xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84