Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP1237 Fiches technique(PDF) 16 Page - ON Semiconductor

No de pièce NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Fiches technique(HTML) 16 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 12Page - ON Semiconductor NCP1237 Datasheet HTML 13Page - ON Semiconductor NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor NCP1237 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
NCP1237
http://onsemi.com
16
CURRENT−MODE CONTROL WITH OVERPOWER COMPENSATION AND SOFT−START
Current Sensing
NCP1237 is a current−mode controller, which means that
the FB voltage sets the peak current flowing in the
inductance and the MOSFET. This is done through a PWM
comparator: the current is sensed across a resistor and the
resulting voltage is applied to the CS pin. VCS is applied to
one input of the PWM comparator through the LEB block.
On the other input the FB voltage divided by KFB sets the
threshold: when VCS reaches this threshold, the output
driver is turned off.
The maximum value for the peak current, VILIM, is set by
a dedicated comparator.
Figure 11. Current Sense Block Schematic
CS
FB
−
+
tLEB
blanking
KFB
VDD
RFB(up)
−
+
−
+
−
+
+
+
VILIM
VCS(stop)
S
R
Q
tSSTART
Soft−start ramp
Start
Reset
IC Start
IC Stop
Oscillator
DCMAX
Protection
Mode
UVLO
Jitter
HV stop
Latch
Soft−start
IC stop
TSD
Fault
DRV Stage
blanking
PWM
tBCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34