Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP1237 Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 9Page - ON Semiconductor NCP1237 Datasheet HTML 10Page - ON Semiconductor NCP1237 Datasheet HTML 11Page - ON Semiconductor NCP1237 Datasheet HTML 12Page - ON Semiconductor NCP1237 Datasheet HTML 13Page - ON Semiconductor NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
NCP1237
http://onsemi.com
13
When VHV crosses the VHV(start) threshold, the controller
can start immediately. When it crosses VHV(stop), it triggers
a timer of duration tHV: this ensures that the controller
doesn’t stop in case of line cycle drop−out.
Figure 7. AC Input Brown−out Timing Diagram
time
VHV
time
DRV
VHV(start)
Starts at next
VCC(ON)
VHV(stop)
Brown-out
HV
t
The same scheme is used for the Line OVP, except that this
time the controller must not stop instantaneously when the
input voltage goes above VHV(OV1). In order to be
insensitive to spikes and voltage surges a blanking circuit is
inserted after the output of the comparator, with a duration
of tOV(blank).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34