| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8520 Fiches technique(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8520 Fiches technique(HTML) 27 Page - ams AG |
|
27 / 34 page ![]() www.austriamicrosystems.com/Lin_CompanionIC/AS8520 Revision 0.01 27 - 34 AS8520 Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n Figure 16. Protocol for Serial Data Read with Length = 1 Figure 17. Protocol for Serial Data Read with Length = 4 CS SCLK SDI SDO 1 RES1 RES0 A4 A0 A1 A2 A3 D0 D1 D2 D3 D4 D5 D7 D6 Transfer edge Sampling edge Data D7 – D0 at Address A4..A0 is read here Transfer edge Sampling edge CS SCLK SDI SDO 1 R E S1 R E S0 A 4 A 0 A 1 A 2 A 3 D 0 D 1 D 2 D 3 D 4 D 5 D 7 D 6 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 D 7 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 Data D7-D0 at Address A4-A0 is read here Data D7-D0 at Address A4-A0 +1 is read here Data D7-D0 at Address A4-A0 +2 is read here Data D7-D0 at Address A4-A0 +3 is read here Data D7-D0 at Address A4-A0 +4 is read here |