Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8520 Fiches technique(PDF) 24 Page - ams AG

No de pièce AS8520
Description  LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8520 Fiches technique(HTML) 24 Page - ams AG

Back Button AS8520 Datasheet HTML 20Page - ams AG AS8520 Datasheet HTML 21Page - ams AG AS8520 Datasheet HTML 22Page - ams AG AS8520 Datasheet HTML 23Page - ams AG AS8520 Datasheet HTML 24Page - ams AG AS8520 Datasheet HTML 25Page - ams AG AS8520 Datasheet HTML 26Page - ams AG AS8520 Datasheet HTML 27Page - ams AG AS8520 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8520
Revision 0.01
24 - 34
AS8520
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 12. Enable Controlled via. MCU
If the application doesn’t need the wake up capability of the AS8520, a direct connection EN to VCC is possible. In this case the AS8520
operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via. VSUP signal as shown
below.
Figure 13. Permanent Normal Mode
EN
VSUP
VSS
LDRIVE1
VBAT_DIV
VCC
RESET
RX
TX
LDRIVE2
SDI
AS8520
MCU
+ 5V
Cload
VBAT
LIN
+
VBAT
CS
SDO
SCLK
EN
VSUP
VSS
LDRIVE1
VBAT_DIV
VCC
RESET
RX
TX
LDRIVE2
SDI
AS8520
MCU
+ 5V
Cload
VBAT
LIN
+
VBAT
CS
SDO
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34