| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5046ASST Fiches technique(PDF) 11 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5046ASST Fiches technique(HTML) 11 Page - ams AG |
|
11 / 33 page ![]() AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet Revision 1.1 www.austriamicrosystems.com Page 11 of 33 Notes: 1) This address is also modified with the analog mode setting 2) Writing a value to any of the SIN- COS- registers halts the conversion loop and calculates an angle that is given by the values in the SIN and COS registers. A Read command from these registers restarts the automatic conversion loop. 3) Writing a value to the AGC counter register halts the automatic gain control loop and sets the AGC to the value written in this register. The angle conversion loop continues to operate. A Read command from the AGC register restarts the automatic gain control loop. 9.1 Serial Interface Unit (Type ID: 0101) The Serial Interface Unit contains 32 bits of data: Note that the angle information is only valid, if the Hall Sensor Front-end is configured properly. See Table 4 for more information. 9.1.1 12-bit Angle Information the 12-bit angle data consists of two blocks: the upper 10-bits in bytes 1 & 2 and the lower two bits in byte 4 9.1.2 6-bit Status Information Status bit 1 SIU bit 11 Offset Comp Finish OCF must be 1 for valid data Status bit 2 SIU bit 12 CORDIC Over Flow COF must be 0; if this bit is set, the angular data is invalid Status bit 3 SIU bit 13 Lin Alarm LIN LINearity warning bit. Should be 0 for normal operation. Will be 1 when the magnetic field is too high or too low Status bit 4 SIU bit 14 Mag Incr. M_I This bit is set temporarily when the magnetic field increases, when the magnet is pushed towards the IC Status bit 5 SIU bit 15 Mag Decr. M_D This bit is set temporarily when the magnetic field decreases, when the magnet is pulled away from the IC Status bit 6 SIU bit 16 Even Parity P Even parity check bit of bytes 1 & 2 Table 3: Status bits of byte 2 of the SIU 9.1.3 8-bit Magnitude Information The magnitude information is a value that is proportional to the magnetic field strength. A strong magnet (or close distance between magnet and chip) will result in a high magnitude value and vice versa. When the automatic gain control (AGC) is active (default state), it tries to keep the magnitude value stable at a value of 3FH. |