Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5046ASST Fiches technique(PDF) 10 Page - ams AG

No de pièce AS5046ASST
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASST Fiches technique(HTML) 10 Page - ams AG

Back Button AS5046ASST Datasheet HTML 6Page - ams AG AS5046ASST Datasheet HTML 7Page - ams AG AS5046ASST Datasheet HTML 8Page - ams AG AS5046ASST Datasheet HTML 9Page - ams AG AS5046ASST Datasheet HTML 10Page - ams AG AS5046ASST Datasheet HTML 11Page - ams AG AS5046ASST Datasheet HTML 12Page - ams AG AS5046ASST Datasheet HTML 13Page - ams AG AS5046ASST Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 10 of 33
8 Two Wire Serial Interface
The AS5046 is accessible via an bi-directional serial interface.
CSn must be low during serial data transmission.
8.1
Serial Interface Timing Diagrams
The registers in the AS5046 are available in a data length of 8 bit (1 byte), 24 bit (3 bytes) and 32 bit (4 bytes).
Shown below in Figure 6 is a common 8-bit data transfer.
Figure 6: 8-bit serial Read / Write timing
Figure 7 shows a transfer timing diagram for the first 16 bits of the Serial Interface Unit.
Figure 7: 16-bit serial Read / Write timing
9 Accessible Registers for Serial Interface
Status Register
Internal
Type
Identifier
Internal
Address
Register
Bit
Count
Read /
Write
Note
10 bit angle <upper 10bits: D11:D2>
6 bit status
8 bit magnitude
Serial Interface Unit
0101
000
Programmable with
A2...A0 1)
32
Read only
2 bit angle <lower 2 bits: D1:D0>
Hall Sensor Front End
0001
000 -111 fixed address range
8
Read / Write
8 selectable Hall front-end status
registers
ADC outputs, SIN/COS
signal bus
0100
000
fixed address
24
Read / Write
2)
12bit SIN , 12bit COS input
Automatic Gain Control 0111
000
Fixed address
8
Read / Write
3)
AGC Counter
Table 2: Serial register overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33