Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3930 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Fiches technique(HTML) 28 Page - ams AG

Back Button AS3930 Datasheet HTML 24Page - ams AG AS3930 Datasheet HTML 25Page - ams AG AS3930 Datasheet HTML 26Page - ams AG AS3930 Datasheet HTML 27Page - ams AG AS3930 Datasheet HTML 28Page - ams AG AS3930 Datasheet HTML 29Page - ams AG AS3930 Datasheet HTML 30Page - ams AG AS3930 Datasheet HTML 31Page - ams AG AS3930 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
28 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
Note:
In power down mode the external clock has to be set to VDD.
Tr
Rise-time
3
µs
Tf
Fall-time
3
µs
T=1/2
πRC
RC Time constant
90
100
110
µs
Table 24. Characteristics of External Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33