| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3930 Fiches technique(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3930 Fiches technique(HTML) 22 Page - ams AG |
|
22 / 33 page ![]() www.austriamicrosystems.com/AS3930 Revision 1.0 22 - 33 AS3930 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 16. Synchronization of Data with Recovered Manchester clock If the pattern detection fails the internal wake-up (on all active channels) is terminated with no signal sent to MCU and the false wakeup register will be incremented (R13<7:0>). The wake-up state is terminated with the direct command ‘clear_wake’ Table 12. This command terminates the MCU activity. The termination can also be automatic in case there is no response from MCU. The time out for automatic termination is set in a register R7<7:5>, as shown in the Table 20. Table 20. Timeout Setup R7<7> R7<6> R7<5> Time out 00 0 0 sec 0 0 1 50 msec 0 1 0 100 msec 0 1 1 150 msec 1 0 0 200 msec 1 0 1 250 msec 1 1 0 300 msec 1 1 1 350 msec CL_DAT DAT |