| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1507 Fiches technique(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1507 Fiches technique(HTML) 16 Page - ams AG |
|
16 / 17 page ![]() www.austriamicrosystems.com Revision 1.00 16 - 17 AS1507 Data Sheet 11 Ordering Information The device is available as the standard products shown in Table 7. Table 7. Ordering Information Model Marking Description End-to-End Resistance Delivery Form Package AS1507-BTDT-10 ASPF Dual 256-Tap, Non-Volatile, SPI Digital Potentiometer 10k Ω Tape and Reel TQFN 3x3mm 16- pin AS1507-BTDT-50 ASPE Dual 256-Tap, Non-Volatile, SPI Digital Potentiometer 50k Ω Tape and Reel TQFN 3x3mm 16- pin AS1507-BTDT-100 ASPD Dual 256-Tap, Non-Volatile, SPI Digital Potentiometer 100k Ω Tape and Reel TQFN 3x3mm 16- pin |