Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1113 Fiches technique(PDF) 23 Page - ams AG

No de pièce AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Fiches technique(HTML) 23 Page - ams AG

Back Button AS1113 Datasheet HTML 16Page - ams AG AS1113 Datasheet HTML 17Page - ams AG AS1113 Datasheet HTML 18Page - ams AG AS1113 Datasheet HTML 19Page - ams AG AS1113 Datasheet HTML 20Page - ams AG AS1113 Datasheet HTML 21Page - ams AG AS1113 Datasheet HTML 22Page - ams AG AS1113 Datasheet HTML 23Page - ams AG AS1113 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
23 - 24
AS1113
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 9.
All devices are RoHS compliant and free of halogene substances.
Table 9. Ordering Information
Type
Description
Delivery Form
Package
AS1113-BSSU
50mA, 16-Channel LED Driver with Diagnostics
Tubes
24-pin SSOP
AS1113-BSST
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
24-pin SSOP
AS1113-BQFR
50mA, 16-Channel LED Driver with Diagnostics
Tray
28-pin QFN (5x5mm)
AS1113-BQFT
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
28-pin QFN (5x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24