| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1109 Fiches technique(PDF) 25 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1109 Fiches technique(HTML) 25 Page - ams AG |
|
25 / 26 page ![]() www.austriamicrosystems.com Revision 1.18 25 - 26 AS1109 Data Sheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 9. All devices are RoHS compliant and free of halogene substances. Table 9. Ordering Information Type Description Delivery Form Package AS1109-BSOU Constant-Current, 8-Bit LED Driver with Diagnostics Tubes 16-pin SOIC-150 AS1109-BSOT Constant-Current, 8-Bit LED Driver with Diagnostics Tape and Reel 16-pin SOIC-150 AS1109-BSSU Constant-Current, 8-Bit LED Driver with Diagnostics Tubes 16-pin SSOP-150 AS1109-BSST Constant-Current, 8-Bit LED Driver with Diagnostics Tape and Reel 16-pin SSOP-150 AS1109-BQFR Constant-Current, 8-Bit LED Driver with Diagnostics Tray 16-pin QFN (4x4mm) AS1109-BQFT Constant-Current, 8-Bit LED Driver with Diagnostics Tape and Reel 16-pin QFN (4x4mm) |