Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1109 Fiches technique(PDF) 23 Page - ams AG

No de pièce AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Fiches technique(HTML) 23 Page - ams AG

Back Button AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG AS1109 Datasheet HTML 22Page - ams AG AS1109 Datasheet HTML 23Page - ams AG AS1109 Datasheet HTML 24Page - ams AG AS1109 Datasheet HTML 25Page - ams AG AS1109 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
23 - 26
AS1109
Data Sheet - P a c k age Drawin gs an d Ma rkings
Figure 27. 16-pin QFN 4x4mm Packages
D
D/2
Index Area
aaa C
Top View
2x
4
(D/2 xE/2)
-B-
-C-
Side View
Plane
ccc C
0.08 C
11
NX
Seating
89
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
NN-1
Bottom View
6
5
(D/2 xE/2)
Index Area
4
See
Detail B
SEE
Detail B
Pin 1
Marker
Datum A or B
Even Terminal Side
Detail B
Terminal Tip
e
e/2
12
5
Datum A or B
Odd Terminal Side
Terminal Tip
e
12
5
16-pin QFN 4x4mm Dimensions
Symbol
Min
Nom
Max
Notes
aaa
0.15
1, 2
bbb
0.10
1, 2
ccc
0.10
1, 2
ddd
0.05
1, 2
b
0.25
0.30
0.35
1, 2
e0.65
A
0.70
0.75
0.80
1, 2
A1
0.00
0.02
0.05
1, 2
A3
0.20
REF
1, 2
L1
0.03
0.15
1, 2
D BSC
4.00
1, 2, 10
E BSC
4.00
1, 2, 10
D2
2.00
2.15
2.25
1, 2, 10
E2
2.00
2.15
2.25
1, 2, 10
L
0.45
0.55
0.65
1, 2, 10
N
16
1, 2, 10
ND
4
1, 2, 10
NE
4
1, 2, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26