Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6401UT-E/OT Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce MCP6401UT-E/OT
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401UT-E/OT Fiches technique(HTML) 15 Page - Microchip Technology

Back Button MCP6401UT-E/OT Datasheet HTML 11Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 12Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 13Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 14Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 15Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 16Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 17Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 18Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 15
MCP6401/1R/1U
4.6
Application Circuits
4.6.1
PRECISION HALF-WAVE
RECTIFIER
The precision half-wave rectifier, which is also known
as a super diode, is a configuration obtained with an
operational amplifier in order to have a circuit behaving
like an ideal diode and rectifier. It effectively cancels the
forward voltage drop of the diode so that very low level
signals can still be rectified with minimal error. This can
be useful for high-precision signal processing. The
MCP6401/1R/1U op amps have high input impedance,
low input bias current and rail-to-rail input/output, which
makes this device suitable for precision rectifier
applications.
Figure 4-6 shows a precision half-wave rectifier and its
transfer characteristic. The rectifier’s input impedance
is determined by the input resistor R1. To avoid loading
effect, it must be driven from a low impedance source.
When VIN is greater than zero, D1 is OFF and D2 is ON,
VOUT is zero. When VIN is less than zero, D1 is ON and
D2 is OFF, and VOUT is the VIN with an amplification of
-R2/R1.
The rectifier circuit shown in Figure 4-6 has the benefit
that the op amp never goes in saturation, so the only
thing
affecting
its
frequency
response
is
the
amplification and the gain bandwidth product.
.
FIGURE 4-6:
Precision Half-Wave
Rectifier.
4.6.2
BATTERY CURRENT SENSING
The MCP6401/1R/1U op amps’ Common Mode Input
Range, which goes 0.3V beyond both supply rails,
supports their use in high side and low side battery
current sensing applications. The low quiescent current
(45 µA, typical) helps prolong battery life, and the
rail-to-rail output supports detection of low currents.
Figure 4-7 shows a high side battery current sensor
circuit. The 10
Ω resistor is sized to minimize power
losses. The battery current (IDD) through the 10Ω
resistor causes its top terminal to be more negative
than the bottom terminal. This keeps the common
mode input voltage of the op amp below VDD, which is
within its allowed range. The output of the op amp will
also be below VDD, which is within its Maximum Output
Voltage Swing specification.
FIGURE 4-7:
Supply Current Sensing.
4.6.3
INSTRUMENTATION AMPLIFIER
The MCP6401/1R/1U op amps are well suited for
conditioning
sensor
signals
in
battery-powered
applications.
Figure 4-8
shows
a
two
op
amp
instrumentation amplifier, using the MCP6401, that
works well for applications requiring rejection of
common mode noise at higher gains. The reference
voltage (VREF) is supplied by a low impedance source.
In single supply applications, VREF is typically VDD/2.
FIGURE 4-8:
Two Op Amp
Instrumentation Amplifier.
VOUT
R2
D1
D2
R1
VIN
VOUT
VIN
-R2/R1
Transfer Characteristic
Precision Half-Wave Rectifier
MCP6401
VDD
IDD
100 k
Ω
1M
Ω
1.8V
VOUT
10
Ω
to
6.0V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
To load
MCP6401
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
MCP6401
MCP6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com