Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6401UT-E/OT Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce MCP6401UT-E/OT
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401UT-E/OT Fiches technique(HTML) 7 Page - Microchip Technology

Back Button MCP6401UT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 9Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 10Page - Microchip Technology MCP6401UT-E/OT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 7
MCP6401/1R/1U
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF.
FIGURE 2-13:
Input Bias Current vs.
Common Mode Input Voltage.
FIGURE 2-14:
Quiescent Current vs
Ambient Temperature.
FIGURE 2-15:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-16:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-17:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
1
10
100
1000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
VDD = 6.0V
TA = +125°C
TA = +85°C
20
25
30
35
40
45
50
55
60
65
70
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VCM = 0.2VDD
VDD = 6.0V
VDD = 5.0V
VDD = 1.8V
0
10
20
30
40
50
60
70
Power Supply Voltage (V)
VCM = 0.2VDD
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
1.0E-01
1.0E+00
1.0E+01 1.0E+02
1.0E+03 1.0E+04 1.0E+05
1.0E+06 1.0E+07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Open-Loop Gain
Open-Loop Phase
VDD = 6.0V
0.1
1
10
100
1k
10k 100k 1M 10M
100
105
110
115
120
125
130
135
140
145
150
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Power Supply Voltage (V)
RL = 10 kΩ
VSS + 0.3V < VOUT < VDD - 0.3V
100
105
110
115
120
125
130
135
140
145
150
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom
VDD - VOH or VOL-VSS (V)
VDD = 6.0V
VDD = 1.8V
Large Signal AOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com