| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70H Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS70H Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 20 page ![]() 1. Product profile 1.1 General description General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages. 1.2 Features 1.3 Applications BAS70 series; 1PS7xSB70 series General-purpose Schottky diodes Rev. 09 — 13 January 2010 Product data sheet Table 1. Product overview Type number Package Configuration NXP JEITA 1PS76SB70 SOD323 SC-76 single diode 1PS79SB70 SOD523 SC-79 single diode BAS70 SOT23 - single diode BAS70H SOD123F - single diode BAS70L SOD882 - single diode BAS70W SOT323 SC-70 single diode BAS70-04 SOT23 - dual series BAS70-04W SOT323 SC-70 dual series BAS70-05 SOT23 - dual common cathode BAS70-05W SOT323 SC-70 dual common cathode BAS70-06 SOT23 - dual common anode BAS70-06W SOT323 SC-70 dual common anode BAS70-07 SOT143B - dual isolated BAS70-07S SOT363 SC-88 dual isolated BAS70-07V SOT666 - dual isolated BAS70VV SOT666 - triple isolated BAS70XY SOT363 SC-88 quadruple; 2 series High switching speed Low leakage current High breakdown voltage Low capacitance Ultra high-speed switching Voltage clamping |
Numéro de pièce similaire - BAS70H |
|
Description similaire - BAS70H |