| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70H Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS70H Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 20 page ![]() BAS70_1PS7XSB70_SER_9 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 09 — 13 January 2010 4 of 20 NXP Semiconductors BAS70 series; 1PS7xSB70 series General-purpose Schottky diodes [1] The marking bar indicates the cathode. 3. Ordering information BAS70XY 1 anode (diode 1) 2 cathode (diode 2) 3 anode (diode 3), cathode (diode 4) 4 anode (diode 4) 5 cathode (diode 3) 6 cathode (diode 1), anode (diode 2) Table 3. Pinning …continued Pin Description Simplified outline Symbol 13 2 4 5 6 006aaa256 654 123 Table 4. Ordering information Type number Package Name Description Version 1PS76SB70 SC-76 plastic surface-mounted package; 2 leads SOD323 1PS79SB70 SC-79 plastic surface-mounted package; 2 leads SOD523 BAS70 - plastic surface-mounted package; 3 leads SOT23 BAS70H - plastic surface-mounted package; 2 leads SOD123F BAS70L - leadless ultra small plastic package; 2 terminals; body 1.0 × 0.6 × 0.5 mm SOD882 BAS70W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS70-04 - plastic surface-mounted package; 3 leads SOT23 BAS70-04W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS70-05 - plastic surface-mounted package; 3 leads SOT23 BAS70-05W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS70-06 - plastic surface-mounted package; 3 leads SOT23 BAS70-06W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS70-07 - plastic surface-mounted package; 4 leads SOT143B BAS70-07S SC-88 plastic surface-mounted package; 6 leads SOT363 BAS70-07V - plastic surface-mounted package; 6 leads SOT666 BAS70VV - plastic surface-mounted package; 6 leads SOT666 BAS70XY SC-88 plastic surface-mounted package; 6 leads SOT363 |