Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5123 Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc

No de pièce MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Pin Assignments
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
13
PSC5_3
AD2
General IO
VDD_IO
—
PSC5_4
AE3
General IO
VDD_IO
—
PSC6_0
A11
General IO
VDD_IO
—
PSC6_1
C10
General IO
VDD_IO
—
PSC6_2
A10
General IO
VDD_IO
—
PSC6_3
B9
General IO
VDD_IO
—
PSC6_4
A9
General IO
VDD_IO
—
PSC7_0
B8
General IO
VDD_IO
—
PSC7_1
E10
General IO
VDD_IO
—
PSC7_2
C8
General IO
VDD_IO
—
PSC7_3
A8
General IO
VDD_IO
—
PSC7_4
A7
General IO
VDD_IO
—
PSC8_0
E9
General IO
VDD_IO
—
PSC8_1
D8
General IO
VDD_IO
—
PSC8_2
C7
General IO
VDD_IO
—
PSC8_3
B6
General IO
VDD_IO
—
PSC8_4
E8
General IO
VDD_IO
—
PSC9_0
C6
General IO
VDD_IO
—
PSC9_1
D7
General IO
VDD_IO
—
PSC9_2
E7
General IO
VDD_IO
—
PSC9_3
D6
General IO
VDD_IO
—
PSC9_4
E6
General IO
VDD_IO
—
PSC10_0
C13
General IO
VDD_IO
—
PSC10_1
B13
General IO
VDD_IO
—
PSC10_2
A13
General IO
VDD_IO
—
PSC10_3
C12
General IO
VDD_IO
—
PSC10_4
E12
General IO
VDD_IO
—
PSC11_0
A12
General IO
VDD_IO
—
PSC11_1
B11
General IO
VDD_IO
—
PSC11_2
C11
General IO
VDD_IO
—
PSC11_3
E11
General IO
VDD_IO
—
PSC11_4
D11
General IO
VDD_IO
—
JTAG (5 Total)
TCK
AB26
General IO
VDD_IO
6
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 8 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86