| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5123 Fiches technique(PDF) 77 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5123 Fiches technique(HTML) 77 Page - Freescale Semiconductor, Inc |
|
77 / 86 page ![]() System Design Information MPC5121E/MPC5123 Data Sheet, Rev. 4 Freescale Semiconductor 77 The SATA PHY needs to be powered even if it is not used in an application. In this case, you should not enable the SATA oscillator and the SATA PHY by software. Figure 59. Recommended Connection for Pins of Unused SATA PHY Figure 60. Recommended connection for pins of unused USB PHY 4.4 Pull-Up/Pull-Down Resistor Requirements The MPC5121e/MPC5123 requires external pull-up or pull-down resistors on certain pins. 4.4.1 Pull-Down Resistor Requirements for TEST pin The MPC5121e/MPC5123 requires a pull-down resistor on the test pin TEST. SATA_XTALO SATA_XTALI VSS NC SATA_RESREF SATA_ANAVIZ NC NC SATA_TXN SATA_TXP NC NC SATA_RXN SATA_RXP NC NC SATA_VDDA_1P2 SATA_VDDA_3P3 VDD_CORE SATA_PLL_VDDA1P2 SATA_VDDA_VREG 1.7–2.6 V SATA_RX_VSSA SATA_PLL_VSSA VSS VSS SATA_TX_VSSA VSS VDD_CORE VDD_IO MPC5121e/ MPC5123 USB_XTALO USB_XTALI VSS NC USB_TPA NC USB_DN USB_DP Weak pull-up or pull-down USB_UID USB_VBUS VSS USB_PLL_PWR3 USB_PLL_GND VSS USB_VSSA_BIAS USB_RREF VSS VSS USB_VDDA_BIAS VSS VSS VDD_IO USB_VSSA VSS USB_VDDA VDD_IO MPC5121e/MPC5123 |