| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9393/PCBZ Fiches technique(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9393/PCBZ Fiches technique(HTML) 20 Page - Analog Devices |
|
20 / 40 page ![]() AD9393 Rev. 0 | Page 20 of 40 Hex Address Read/Write Bits Default Value Register Name Description 0xBD Read [4] 0 Field repeat FR—new field or repeated field. 0 = new field or picture. 1 = repeated field. [1:0] 0 MPEG frame MF[1:0]. This identifies whether frame is an I, B, or P picture. 00 = unknown. 01 = I picture. 10 = B picture. 11 = P picture. 0xBE Read [7:0] 0 Reserved. 0xBF Read [6:0] 0 New data flags New data flags (see Register 0x87). 0xC0 Read [7:0] 0 Audio content protection packet (ACP) type Audio content protection packet (ACP) type. 0x00 = generic audio. 0x01 = IEC60958-identified audio. 0x02 = DVD audio. 0x03 = reserved for super audio CD (SACD). 0x04 to 0xFF = reserved. 0xC1 Read [7:0] 0 ACP Packet Byte 0 ACP Packet Byte 0 (ACP_PB0). 0xC2 Read [7:0] 0 ACP_PB1 ACP_PB1. 0xC3 Read [7:0] 0 ACP_PB2 ACP_PB2. 0xC4 Read [7:0] 0 ACP_PB3 ACP_PB3. 0xC5 Read [7:0] 0 ACP_PB4 ACP_PB4. 0xC6 Read [7:0] 0 ACP_PB5 ACP_PB5. 0xC7 Read [6:0] 0 New data flags New data flags (see Register 0x87). 0xC8 Read [7] 0 ISRC1 continued International standard recording code (ISRC1) continued. This indicates an ISRC2 packet is being transmitted. [6] 0 ISRC1 valid 0 = ISRC1 status bits and PBs not valid. 1 = ISRC1 status bits and PBs valid. [2:0] 0 ISRC1 status 001 = starting position. 010 = intermediate position. 100 = final position. 0xC9 Read [7:0] 0 ISRC1 Packet Byte 0 ISRC1 Packet Byte 0 (ISRC1_PB0). 0xCA Read [7:0] 0 ISRC1_PB1 ISRC1_PB1. 0xCB Read [7:0] 0 ISRC1_PB2 ISRC1_PB2. 0xCC Read [7:0] 0 ISRC1_PB3 ISRC1_PB3. 0xCD Read [7:0] 0 ISRC1_PB4 ISRC1_PB4. 0xCE Read [7:0] 0 ISRC1_PB5 ISRC1_PB5. 0xCF Read [6:0] 0 New data flags New data flags (see Register 0x87). 0xD0 Read [7:0] 0 ISRC1_PB6 ISRC1_PB6. 0xD1 Read [7:0] 0 ISRC1_PB7 ISRC1_PB7. 0xD2 Read [7:0] 0 ISRC1_PB8 ISRC1_PB8. 0xD3 Read [7:0] 0 ISRC1_PB9 ISRC1_PB9. 0xD4 Read [7:0] 0 ISRC1_PB10 ISRC1_PB10. 0xD5 Read [7:0] 0 ISRC1_PB11 ISRC1_PB11. 0xD6 Read [7:0] 0 ISRC1_PB12 ISRC1_PB12. 0xD7 Read [6:0] 0 New data flags New data flags (see Register 0x87). 0xD8 Read [7:0] 0 ISRC1_PB13 ISRC1_PB13. 0xD9 Read [7:0] 0 ISRC1_PB14 ISRC1_PB14. 0xDA Read [7:0] 0 ISRC1_PB15 ISRC1_PB15. 0xDB Read [7:0] 0 ISRC1_PB16 ISRC1_PB16. 0xDC Read [7:0] 0 ISRC2 Packet Byte 0 ISRC2 Packet Byte 0 (ISRC2_PB0). This is transmitted only when the ISRC bit continues (Register 0xC8, Bit[7]) is set to 1. 0xDD Read [7:0] 0 ISRC2_PB1 ISRC2_PB1. 0xDE Read [7:0] 0 ISRC2_PB2 ISRC2_PB2. 0xDF Read [6:0] 0 New data flags New data flags (see Register 0x87). 0xE0 Read [7:0] 0 ISRC2_PB3 ISRC2_PB3. 0xE1 Read [7:0] 0 ISRC2_PB4 ISRC2_PB4. 0xE2 Read [7:0] 0 ISRC2_PB5 ISRC2_PB5. |