| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9393/PCBZ Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9393/PCBZ Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 40 page ![]() AD9393 Rev. 0 | Page 14 of 40 Hex Address Read/Write Bits Default Value Register Name Description 0x34 Read/write [5:4] xx00xxxx Audio setup Must be written to 0b11 for proper operation. [3] xxxx0xxx Upconversion mode 0 = repeat Cr and Cb values. 1 = interpolate Cr and Cb values. [2] xxxxx0xx CrCb filter enable Enables the FIR filter for 4:2:2 CrCb output. [1] xxxxxx0x CSC_ENABLE Enables the color space converter (CSC). The default settings for the CSC provide HDTV-to-RGB conversion. Sets the fixed point position of the CSC coefficients, including the A4, B4, and C4 offsets. 0x35 Read/write [6:5] x01xxxxx CSC_MODE 00 = ±1.0, −4096 to +4095. 01 =±2.0, −8192 to +8190. 1x = ±4.0, −16,384 to +16,380. [4:0] xxx01100 CSC_COEFF_A1 MSB MSB of Register 0x36. 0x36 Read/write [7:0] 01010010 CSC_COEFF_A1 LSB Color space converter (CSC) coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x37 Read/write [4:0] xxx01000 CSC_COEFF_A2 MSB MSB of Register 0x38. 0x38 Read/write [7:0] 00000000 CSC_COEFF_A2 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x39 Read/write [4:0] xxx00000 CSC_COEFF_A3 MSB MSB of Register 0x3A. 0x3A Read/write [7:0] 00000000 CSC_COEFF_A3 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x3B Read/write [4:0] xxx11001 CSC_COEFF_A4 MSB MSB of Register 0x3C. 0x3C Read/write [7:0] 11010111 CSC_COEFF_A4 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x3D Read/write [4:0] xxx11100 CSC_COEFF_B1 MSB MSB of Register 0x3E. 0x3E Read/write [7:0] 01010100 CSC_COEFF_B1 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x3F Read/write [4:0] ***01000 CSC_COEFF_B2 MSB MSB of Register 0x40. 0x40 Read/write [7:0] 00000000 CSC_COEFF_B2 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x41 Read/write [4:0] xxx11110 CSC_COEFF_B3 MSB MSB of Register 0x42. 0x42 Read/write [7:0] 10001001 CSC_COEFF_B3 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x43 Read/write [4:0] xxx00010 CSC_COEFF_B4 MSB MSB of Register 0x44. 0x44 Read/write [7:0] 10010010 CSC_COEFF_B4 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 0x45 Read/write [4:0] xxx00000 CSC_COEFF_C1 MSB MSB of Register 0x46. 0x46 Read/write [7:0] 00000000 CSC_COEFF_C1 LSB CSC coefficient for equation: ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4 GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4 BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4 |