Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAXQ3183-RAN+ Fiches technique(PDF) 97 Page - Maxim Integrated Products

No de pièce MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Fiches technique(HTML) 97 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 96Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 97Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 98Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 99Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 100Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
97
Measurements—Virtual Registers
Fundamental Real Power, Phase A/B/C/T (PWRPF.X)
(A: 0x881, B: 0x882, C: 0x884, T: 0x887)
This signed register contains the real instantaneous power delivered into phase A/B/C or total at the fundamental line
frequency only. Power is calculated from the instantaneous energy measurement according to the following equation:
Fundamental Reactive Power, Phase A/B/C/T (PWRQF.X)
(A: 0x891, B: 0x892, C: 0x894, T: 0x897)
This signed register contains the reactive instantaneous power delivered into phase A/B/C or total at the fundamental
line frequency only. Power is calculated from the instantaneous energy measurement according to the following
equation:
PWRQF X
XREAF
PWR CC
NS
.
._
=
×× 216
PWRPF X
X ACTF
PWR CC
NS
.
._
=
×× 216
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More