Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAXQ3181-RAN+ Fiches technique(PDF) 48 Page - Maxim Integrated Products

No de pièce MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Fiches technique(HTML) 48 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
48
______________________________________________________________________________________
Energy
Real Energy, Phase A/B/C/T (ENRP.X) (A: 0x8C1, B: 0x8C2, C: 0x8C4, T: 0x8C7)
This signed register contains the real accumulated energy delivered into phase A/B/C or total. The register is calcu-
lated according to the following formula:
ENRP.X = ENR_CC x (X.EAPOS - X.EANEG)
Apparent Energy, Phase A/B/C/T (ENRS.X) (A: 0x871, B: 0x872, C: 0x874, T: 0x877)
This register contains the apparent accumulated energy delivered into phase A/B/C or total. The register is the prod-
uct of the ENR_CC and X.ES registers.
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84