| Moteur de recherche de fiches techniques de composants électroniques |
|
MAXQ3180-RAN+ Fiches technique(PDF) 97 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Fiches technique(HTML) 97 Page - Maxim Integrated Products |
|
97 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 97 Fundamental Apparent Power, Phase A/B/C/T (PWRSF.X) (A: 0x8A1, B: 0x8A2, C: 0x8A4, T: 0x8A7) This register contains the instantaneous apparent power delivered into phase A/B/C or total at the fundamental line frequency only. Power is calculated from the instantaneous energy measurement according to the following equation: Fundamental Real Energy, Phase A/B/C/T (ENRPF.X) (A: 0x8E1, B: 0x8E2, C: 0x8E4, T: 0x8E7) This signed register contains the real accumulated energy delivered into phase A/B/C or total. The register is calcu- lated according to the following formula: ENRPF.X = ENR_CC x (X.EAFPOS - X.EAFNEG) Fundamental Reactive Energy, Phase A/B/C/T (ENRQF.X) (A: 0x8F1, B: 0x8F2, C: 0x8F4, T: 0x8F7) This signed register contains the reactive accumulated energy delivered into phase A/B/C or total. The register is calculated according to the following formula: ENRQF.X = ENR_CC x (X.ERFPOS - X.ERFNEG) Fundamental Apparent Energy, Phase A/B/C/T (ENRSF.X) (A: 0x8B1, B: 0x8B2, C: 0x8B4, T: 0x8B7) This register contains the apparent accumulated energy delivered into phase A/B/C or total. The register is the prod- uct of the ENR_CC and X.ESF registers. PWRSF X X APPF PWR CC NS . ._ = ×× 216 Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) |