| Moteur de recherche de fiches techniques de composants électroniques |
|
MAXQ3180-RAN+ Fiches technique(PDF) 96 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Fiches technique(HTML) 96 Page - Maxim Integrated Products |
|
96 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 96 ______________________________________________________________________________________ Measurements—Virtual Registers Fundamental Real Power, Phase A/B/C/T (PWRPF.X) (A: 0x881, B: 0x882, C: 0x884, T: 0x887) This signed register contains the real instantaneous power delivered into phase A/B/C or total at the fundamental line frequency only. Power is calculated from the instantaneous energy measurement according to the following equation: Fundamental Reactive Power, Phase A/B/C/T (PWRQF.X) (A: 0x891, B: 0x892, C: 0x894, T: 0x897) This signed register contains the reactive instantaneous power delivered into phase A/B/C or total at the fundamental line frequency only. Power is calculated from the instantaneous energy measurement according to the following equation: PWRQF X XREAF PWR CC NS . ._ = ×× 216 PWRPF X X ACTF PWR CC NS . ._ = ×× 216 Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) Byte 7 (MSByte unused) Byte 6 (unused) Byte 5 Byte 4 Byte 3 Byte 2 Byte 1 Byte 0 (LSByte) |