Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATVaultIC460-R Fiches technique(PDF) 20 Page - ATMEL Corporation

No de pièce ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Fiches technique(HTML) 20 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 17Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 18Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 19Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 20Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 21Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 22Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 23Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
TPR0441BX–SMS–09/09
ATVaultIC460
3.6.2
Pinouts for packages QFN44 and SOIC8
Figure 3-9.
Pinout ATVaultIC460 - Package QFN44
Note: The exposed pad is connected to GND pin internally. So it is recommended to connect it to GND.
Figure 3-10.
Pinout ATVaultIC460 - Package SOIC8 - USB configuration
2
3
4
5
6
7
8
9
10
11
32
31
33
30
29
28
27
26
25
24
23
ATVaultIC460
INDEX CORNER
EXPOSED PAD
GPIO4
GPIO3 / I²C Address
GPIO2 / I²C Address
VCC
GND
SCK
CLK
USB_XOUT
USB_XIN
GPIO5
GPIO6
GPIO7
VCC
1
IO0 / SPI_SEL /SDA
SPI_SS /SCL
RST
ATVaultIC460
SOIC8 / USB
INDEX CORNER
GND
SPI_SS / I2C_SCL
USB_DM
1
2
3
4
8
7
6
5
VBUS
USB_XIN
USB_XOUT
USB_DP
ISO_IO0 / SPI_SEL / I2C_SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30