| Moteur de recherche de fiches techniques de composants électroniques |
|
ATVaultIC460-R Fiches technique(PDF) 14 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATVaultIC460-R Fiches technique(HTML) 14 Page - ATMEL Corporation |
|
14 / 30 page ![]() 14 TPR0441BX–SMS–09/09 ATVaultIC460 3.4.2 SPI Timings The table below describes the requirements for devices connected to the SPI. The ATVaultIC460 SPI meets or exceeds these requirements under the noted conditions. See Figure 3-2 for details. Table 3-5. SPI Timing Parameters Figure 3-2. SPI Timings See figure Description Condition Min Typ Max Unit 9SS low to out TBD ns 10 SCK period TBD ns 11 SCK high/low TBD ns 12 Rise/Fall time TBD ns 13 Setup TBD ns 14 Hold TBD ns 15 SCK to out TBD ns 16 SCK to SS high TBD ns 17 SS high to tri-state TBD ns 18 SS low to SCK TBD ns MI SO (Data Output) SCK (CPOL = 1) MO SI (Data Input) SCK (CPOL = 0) SS MSB LSB LSB MSB ... ... 10 11 11 12 13 14 17 15 9 X 16 |