Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega324PA Fiches technique(PDF) 92 Page - ATMEL Corporation

No de pièce ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Fiches technique(HTML) 92 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 88Page - ATMEL Corporation ATmega324PA Datasheet HTML 89Page - ATMEL Corporation ATmega324PA Datasheet HTML 90Page - ATMEL Corporation ATmega324PA Datasheet HTML 91Page - ATMEL Corporation ATmega324PA Datasheet HTML 92Page - ATMEL Corporation ATmega324PA Datasheet HTML 93Page - ATMEL Corporation ATmega324PA Datasheet HTML 94Page - ATMEL Corporation ATmega324PA Datasheet HTML 95Page - ATMEL Corporation ATmega324PA Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 468 page
background image
92
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Note:
1. When enabled, the 2-wire Serial Interface enables Slew-Rate controls on the output pins PD0
and PD1. This is not shown in this table. In addition, spike filters are connected between the
AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 13-14. Overriding Signals for Alternate Functions in PD3:PD0(1)
Signal Name
PD3/INT1/TXD1/
PCINT27
PD2/INT0/RXD1/
PCINT26
PD1/TXD0/
PCINT25
PD0/RXD0/
PCINT27
PUOE
TXEN1
RXEN1
TXEN0
RXEN1
PUOV
0
PORTD2 • PUD
0PORTD0 • PUD
DDOE
TXEN1
RXEN1
TXEN0
RXEN1
DDOV
1
0
1
0
PVOE
TXEN1
0
TXEN0
0
PVOV
TXD1
0
TXD0
0
DIEOE
INT1 ENABLE
PCINT27 • PCIE3
INT2 ENABLE
PCINT26 • PCIE3
PCINT25 • PCIE3
PCINT24 • PCIE3
DIEOV
111
1
DI
INT1 INPUT
PCINT27 INPUT
INT0 INPUT
RXD1
PCINT26 INPUT
PCINT25 INPUT
RXD0
PCINT24 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More