Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega324PA Fiches technique(PDF) 83 Page - ATMEL Corporation

No de pièce ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Fiches technique(HTML) 83 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 79Page - ATMEL Corporation ATmega324PA Datasheet HTML 80Page - ATMEL Corporation ATmega324PA Datasheet HTML 81Page - ATMEL Corporation ATmega324PA Datasheet HTML 82Page - ATMEL Corporation ATmega324PA Datasheet HTML 83Page - ATMEL Corporation ATmega324PA Datasheet HTML 84Page - ATMEL Corporation ATmega324PA Datasheet HTML 85Page - ATMEL Corporation ATmega324PA Datasheet HTML 86Page - ATMEL Corporation ATmega324PA Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 468 page
background image
83
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Table 13-4 on page 83 and Table 13-5 on page 83 relates the alternate functions of Port A to the
overriding signals shown in Figure 13-5 on page 80.
Table 13-4.
Overriding Signals for Alternate Functions in PA7:PA4
Signal
Name
PA7/ADC7/
PCINT7
PA6/ADC6/
PCINT6
PA5/ADC5/
PCINT5
PA4/ADC4/
PCINT4
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
DIEOE
PCINT7 • PCIE0 +
ADC7D
PCINT6 • PCIE0 +
ADC6D
PCINT5 • PCIE0 +
ADC5D
PCINT4 • PCIE0 +
ADC4D
DIEOV
PCINT7 • PCIE0
PCINT6 • PCIE0
PCINT5 • PCIE0
PCINT4 • PCIE0
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
PCINT4 INPUT
AIO
ADC7 INPUT
ADC6 INPUT
ADC5 INPUT
ADC4 INPUT
Table 13-5.
Overriding Signals for Alternate Functions in PA3:PA0
Signal
Name
PA3/ADC3/
PCINT3
PA2/ADC2/
PCINT2
PA1/ADC1/
PCINT1
PA0/ADC0/
PCINT0
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
DIEOE
PCINT3 • PCIE0 +
ADC3D
PCINT2 • PCIE0 +
ADC2D
PCINT1 • PCIE0 +
ADC1D
PCINT0 • PCIE0 +
ADC0D
DIEOV
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 • PCIE0
PCINT0 • PCIE0
DI
PCINT3 INPUT
PCINT2 INPUT
PCINT1 INPUT
PCINT0 INPUT
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More