Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega324P Fiches technique(PDF) 60 Page - ATMEL Corporation

No de pièce ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Fiches technique(HTML) 60 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 56Page - ATMEL Corporation ATmega324P Datasheet HTML 57Page - ATMEL Corporation ATmega324P Datasheet HTML 58Page - ATMEL Corporation ATmega324P Datasheet HTML 59Page - ATMEL Corporation ATmega324P Datasheet HTML 60Page - ATMEL Corporation ATmega324P Datasheet HTML 61Page - ATMEL Corporation ATmega324P Datasheet HTML 62Page - ATMEL Corporation ATmega324P Datasheet HTML 63Page - ATMEL Corporation ATmega324P Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 377 page
background image
60
7674F–AVR–09/09
ATmega164P/324P/644P
10. Interrupts
10.1
Overview
Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in
ATmega164P/324P/644P. For a general explanation of the AVR interrupt handling, refer to
“Reset and Interrupt Handling” on page 15.
10.2
Interrupt Vectors in ATmega164P/324P/644P
Table 10-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address(2)
Source
Interrupt Definition
1
$0000(1)
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and JTAG AVR Reset
2
$0002
INT0
External Interrupt Request 0
3
$0004
INT1
External Interrupt Request 1
4
$0006
INT2
External Interrupt Request 2
5
$0008
PCINT0
Pin Change Interrupt Request 0
6
$000A
PCINT1
Pin Change Interrupt Request 1
7
$000C
PCINT2
Pin Change Interrupt Request 2
8
$000E
PCINT3
Pin Change Interrupt Request 3
9
$0010
WDT
Watchdog Time-out Interrupt
10
$0012
TIMER2_COMPA
Timer/Counter2 Compare Match A
11
$0014
TIMER2_COMPB
Timer/Counter2 Compare Match B
12
$0016
TIMER2_OVF
Timer/Counter2 Overflow
13
$0018
TIMER1_CAPT
Timer/Counter1 Capture Event
14
$001A
TIMER1_COMPA
Timer/Counter1 Compare Match A
15
$001C
TIMER1_COMPB
Timer/Counter1 Compare Match B
16
$001E
TIMER1_OVF
Timer/Counter1 Overflow
17
$0020
TIMER0_COMPA
Timer/Counter0 Compare Match A
18
$0022
TIMER0_COMPB
Timer/Counter0 Compare match B
19
$0024
TIMER0_OVF
Timer/Counter0 Overflow
20
$0026
SPI_STC
SPI Serial Transfer Complete
21
$0028
USART0_RX
USART0 Rx Complete
22
$002A
USART0_UDRE
USART0 Data Register Empty
23
$002C
USART0_TX
USART0 Tx Complete
24
$002E
ANALOG_COMP
Analog Comparator
25
$0030
ADC
ADC Conversion Complete
26
$0032
EE_READY
EEPROM Ready
27
$0034
TWI
2-wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More