Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega324P Fiches technique(PDF) 79 Page - ATMEL Corporation

No de pièce ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Fiches technique(HTML) 79 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 75Page - ATMEL Corporation ATmega324P Datasheet HTML 76Page - ATMEL Corporation ATmega324P Datasheet HTML 77Page - ATMEL Corporation ATmega324P Datasheet HTML 78Page - ATMEL Corporation ATmega324P Datasheet HTML 79Page - ATMEL Corporation ATmega324P Datasheet HTML 80Page - ATMEL Corporation ATmega324P Datasheet HTML 81Page - ATMEL Corporation ATmega324P Datasheet HTML 82Page - ATMEL Corporation ATmega324P Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 377 page
background image
79
7674F–AVR–09/09
ATmega164P/324P/644P
12.3.1
Alternate Functions of Port A
The Port A has an alternate function as the address low byte and data lines for the External
Memory Interface.
• ADC7:0/PCINT7:0 – Port A, Bit 7:0
ADC7:0, Analog to Digital Converter, Channels 7:0.
PCINT7:0, Pin Change Interrupt source 7:0: The PA7:0 pins can serve as external interrupt
sources.
Table 12-3.
Port A Pins Alternate Functions
Port Pin
Alternate Function
PA7
ADC7 (ADC input channel 7)
PCINT7 (Pin Change Interrupt 7)
PA6
ADC6 (ADC input channel 6)
PCINT6 (Pin Change Interrupt 6)
PA5
ADC5 (ADC input channel 5)
PCINT5 (Pin Change Interrupt 5)
PA4
ADC4 (ADC input channel 4)
PCINT4 (Pin Change Interrupt 4)
PA3
ADC3 (ADC input channel 3)
PCINT3 (Pin Change Interrupt 3)
PA2
ADC2 (ADC input channel 2)
PCINT2 (Pin Change Interrupt 2)
PA1
ADC1 (ADC input channel 1)
PCINT1 (Pin Change Interrupt 1)
PA0
ADC0 (ADC input channel 0)
PCINT0 (Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More