| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega324P Fiches technique(PDF) 204 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega324P Fiches technique(HTML) 204 Page - ATMEL Corporation |
|
204 / 377 page ![]() 204 7674F–AVR–09/09 ATmega164P/324P/644P Note: 1. See “About Code Examples” on page 8. 18.6.1 Transmitter and Receiver Flags and Interrupts The RXCn, TXCn, and UDREn flags and corresponding interrupts in USART in MSPIM mode are identical in function to the normal USART operation. However, the receiver error status flags (FE, DOR, and PE) are not in use and is always read as zero. 18.6.2 Disabling the Transmitter or Receiver The disabling of the transmitter or receiver in USART in MSPIM mode is identical in function to the normal USART operation. Assembly Code Example (1) USART_MSPIM_Transfer: ; Wait for empty transmit buffer sbis UCSRnA, UDREn rjmp USART_MSPIM_Transfer ; Put data (r16) into buffer, sends the data out UDRn,r16 ; Wait for data to be received USART_MSPIM_Wait_RXCn: sbis UCSRnA, RXCn rjmp USART_MSPIM_Wait_RXCn ; Get and return received data from buffer in r16, UDRn ret C Code Example(1) unsigned char USART_Receive( void ) { /* Wait for empty transmit buffer */ while ( !( UCSRnA & (1<<UDREn)) ); /* Put data into buffer, sends the data */ UDRn = data; /* Wait for data to be received */ while ( !(UCSRnA & (1<<RXCn)) ); /* Get and return received data from buffer */ return UDRn; } |