| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90SCR100 Fiches technique(PDF) 419 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 Fiches technique(HTML) 419 Page - ATMEL Corporation |
|
419 / 433 page ![]() 419 TPR0327AY–SMS–30Jan09 AT90SCR100 (0x7D) Reserved - - - - - - - - (0x7C) Reserved - - - - - - - - (0x7B) AESDR DATA [0..8] 343 (0x7A) AESADDR ADDR [0..8] 343 (0x79) AESACR - - - - XOR MANINC AUTOINC KD 342 (0x78) AESCR AESIE AESIF AUTOKEY KEYGN KS - ENCRYPT AESGO 341 (0x77) Reserved - - - - - - - - (0x76) Reserved - - - - - - - - (0x75) LEDCR LED3 LED2 LED1 LED0 77 (0x74) Reserved - - - - - - - - (0x73) PCMSK3 PCINT31 PCINT30 PCINT29 PCINT28 PCINT27 PCINT26 PCINT25 PCINT24 73 (0x72) Reserved - - - - - - - - (0x71) Reserved - - - - - - - - (0x70) TIMSK2 - - - - - OCIE2B OCIE2A TOIE2 153 (0x6F) TIMSK1 - -ICIE1 - - OCIE1B OCIE1A TOIE1 132 (0x6E) TIMSK0 - - - - - OCIE0B OCIE0A TOIE0 103 (0x6D) PCMSK2 PCINT23 PCINT22 PCINT21 PCINT20 PCINT19 PCINT18 PCINT17 PCINT16 73 (0x6C) PCMSK1 PCINT15 PCINT14 PCINT13 PCINT12 PCINT11 PCINT10 PCINT9 PCINT8 73 (0x6B) PCMSK0 PCINT7 PCINT6 PCINT5 PCINT4 PCINT3 PCINT2 PCINT1 PCINT0 73 (0x6A) Reserved - - - - - - - - (0x69) EICRA ISC31 ISC30 ISC21 ISC20 ISC11 ISC10 ISC01 ISC00 69 (0x68) PCICR - - - - PCIE3 PCIE2 PCIE1 PCIE0 71 (0x67) Reserved - - - - - - - - (0x66) OSCCAL CAL7 CAL6 CAL5 CAL4 CAL3 CAL2 CAL1 CAL0 39 (0x65) PRR1 - - PRKB PRAES PRSCI PRHSSPI PRUSB PRSCUSB 46 (0x64) PRR0 PRTWI PRTIM2 PRTIM0 - PRTIM1 PRSPI PRUSART0 - 45 (0x63) SMONCR SMONIF SMONIE - - - - -SMONEN 60 (0x62) PLLCR PLLMUX - - - - - LOCK ON/OFF 40 (0x61) CLKPR - - - - CLKPS3 CLKPS2 CLKPS1 CLKPS0 40 (0x60) WDTCSR WDIF WDIE WDP3 WDCE WDE WDP2 WDP1 WDP0 61 0x3F (0x5F) SREG I T H S V N Z C 15 0x3E (0x5E) SPH SP15 SP14 SP13 SP12 SP11 SP10 SP9 SP8 17 0x3D (0x5D) SPL SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 17 0x3C (0x5C) Reserved - - - - - - - - 0x3B (0x5B) Reserved - - - - - - - - 0x3A (0x5A) Reserved - - - - - - - - 0x39 (0x59) Reserved - - - - - - - - 0x38 (0x58) Reserved - - - - - - - - 0x37 (0x57) SPMCSR SPMIE RWWSB SIGRD RWWSRE BLBSET PGWRT PGERS SPMEN 367 0x36 (0x56) Reserved - - - - - - - - 0x35 (0x55) MCUCR JTD - -PUD - - IVSEL IVCE 67, 82, 356 0x34 (0x54) MCUSR - - - JTRF WDRF BORF EXTRF PORF 60 0x33 (0x53) SMCR - - - -SM2 SM1 SM0 SE 45 0x32 (0x52) Reserved - - - - - - - - 0x31 (0x51) OCDR D7/IDRD D6 D5 D4 D3 D2 D1 D0 352 0x30 (0x50) Reserved - - - - - - - - 0x2F (0x4F) Reserved - - - - - - - - 0x2E (0x4E) SPDR SPI 0 Data Register 274 0x2D (0x4D) SPSR SPIF WCOL - - - - - SPI2X 274 0x2C (0x4C) SPCR SPIE SPE DORD MSTR CPOL CPHA SPR1 SPR0 272 0x2B (0x4B) GPIOR2 General Purpose I/O Register 2 29 0x2A (0x4A) GPIOR1 General Purpose I/O Register 1 29 0x29 (0x49) Reserved - - - - - - - - 0x28 (0x48) OCR0B Timer/Counter0 Output Compare Register B 103 0x27 (0x47) OCR0A Timer/Counter0 Output Compare Register A 103 0x26 (0x46) TCNT0 Timer/Counter0 (8 Bit) 102 0x25 (0x45) TCCR0B FOC0A FOC0B - - WGM02 CS02 CS01 CS00 101 0x24 (0x44) TCCR0A COM0A1 COM0A0 COM0B1 COM0B0 - -WGM01 WGM00 98 0x23 (0x43) GTCCR TSM - - - - - PSRASY PSRSYNC 155 0x22 (0x42) EEARH - - - - EEARH [11:8] 24 0x21 (0x41) EEARL EEARL [7:0] 24 0x20 (0x40) EEDR EEPROM Data Register 24 0x1F (0x3F) EECR - - EEPM1 EEPM0 EERIE EEMPE EEPE EERE 24 0x1E (0x3E) GPIOR0 General Purpose I/O Register 0 30 0x1D (0x3D) EIMSK - - - - INT3 INT2 INT1 INT0 70 0x1C (0x3C) EIFR - - - - INTF3 INTF2 INTF1 INTF0 70 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page |