| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE8201R Fiches technique(PDF) 43 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8201R Fiches technique(HTML) 43 Page - Infineon Technologies AG |
|
43 / 45 page ![]() TLE 8201R Package Outlines Data Sheet Rev. 2.0 43 2006-06-07 6 Package Outlines Bottom View Does not include plastic or metal protrusion of 0.15 max. per side 1 18 0.25 ±0.1 1.1 36 +0.13 0.25 36x 19 M (Heatslug) 15.74 0.65 ±0.1 C AB 19 C 0.1 36 2.8 B 11 ±0.15 1) 6.3 14.2 (Mold) ±0.3 B ±0.15 0.25 Heatslug 0.95 Heatslug 13.7 (Metal) 10 1 -0.2 Index Marking (Mold) 15.9 1) ±0.1 A 1 x 45˚ 1) PG-DSO-36-27 (Plastic Dual Small Outline Package) GPS09181 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |