Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC73P2602SC2 Fiches technique(PDF) 20 Page - Silan Microelectronics Joint-stock

No de pièce SC73P2602SC2
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SC2 Fiches technique(HTML) 20 Page - Silan Microelectronics Joint-stock

Back Button SC73P2602SC2 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 21Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 22Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 23Page - Silan Microelectronics Joint-stock SC73P2602SC2 Datasheet HTML 24Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
【
Expression】
Num: indicates number of data, default value is 1.
Data: data to be written to ROM. lower 9-bit value of data is taken without warning if data is larger than
1FFH because ROM is only 9-bit.
【
Example】
DB 12H
; fill in one data
DB 10010B
; fill in one data
12H DB 55H
; fill in 18 data
4.
END
【
Format】
END
【
Function】
Indicates the ending
【
Expression】
Content after END will not be processed by assembler. If END is omitted, the assembler will process all
the lines of the source file.
【
Example】
END
REMOTE CONTROL FLOW CHART
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 20 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28