| Moteur de recherche de fiches techniques de composants électroniques |
|
SC73P2602SC2 Fiches technique(PDF) 18 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73P2602SC2 Fiches technique(HTML) 18 Page - Silan Microelectronics Joint-stock |
|
18 / 28 page ![]() HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.1 2009.11.19 Http: //www.silan.com.cn Page 18 of 28 01. HOLD MCU enters power-saving mode with little power dissipation after executing this instruction. 02. NOP Nop instruction, this instruction has no effect. 03. TMRST Timer reset. Set all bits of timer to 1. this instruction is usually used for reset watchdog. MACRO INSTRUCTIONS symbol: addr7 lower 7-bit of program address 1. JMPS 【 Format】 JMPS address 【 Function】 Jump in ROM 【 Expression】 Address is the absolute address, it can be a digital, symbol defined by EQU or the address symbol. Combined by: LD MBR, #k ;address=k*128+addr7 BSS addr7 【 Example】 JMPS MAIN JMPS 100H 2. VENT 【 Format】 VENT address 【 Function】 Define the entry address of sub-program and main program. 【 Expression】 Address is the absolute address, it can be a digital, symbol defined by EQU or the address symbol. Combined by: Same as JMPS addr11, it is combined by: LD MBR, #k ;address=k*128+addr7 BSS addr7 This instruction should be included and must be at the beginning of the program. The first VENT denotes the main program address and the following VENT instructions denote the entry of the sub-program. In general, 15 sub-programs can be defined at most. All the sub-programs called by CALL instruction should be defined in VENT, or else errors will occur in assembly. 【 Example】 VENT MAIN VENT SUB1 VENT SUB2 …… |